Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2800S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT2800S
Description  Built- in 700V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2800S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT2800S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT2800S
1/6
High
Performance
Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
Description
HT2800S is high performance primary
sensing regulation and monolithic switching-
mode power controller which is designed for
small- power supply equipment with current
mode control. Built- in accurate CV/CC control
circuit. High integration design, a high
performance power BJT and PFM controller
and full protection circuits in single chip, to
minimize external components and save the
cost effectively. HT2800S can be simply
designed a typical flyback switch converter,
the unique driving technology promotes the
characteristics of withstand voltage and
achieves excellent converting efficiency
.
Fig. 1. CC vs CV Curve ( Typ.)
Features
◆ Built- in 700V power BJT
◆ PSR control, eliminates Opto- coupler and
TL431
◆ Accurate CV/CC control
◆ Hysteresis over- temperature protection
(OTP) circuit
◆ High efficiency and meet Level 6 efficiency
standards
◆ Output voltage protection (OVP/UVLO)
◆ < 100 mW no- load consumption
◆ Auto- Restart function
◆ Ultra-low start-up current
◆ Good EMC characteristic allows the simple
EMC circuit
Application
◆ Intelligent mobile phone/small size tablet
computer
◆ Digital cameras and other small digital
products
◆ Power adapters for network products etc
◆ RCC solutions Replace.
Typical Application Circuitry
VIN
C1
LP NP
VAUX
Naux
RFB1
RFB2
RCS
CCPC
HV
Driver
CS
FB
GND CPC
NS
VS
Co
VO
IOUT
Vout
±5%
±10%
Iout
OUTput CC/CV VI Characteristic
+
+


Similar Part No. - HT2800S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results

Similar Description - HT2800S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6021 SIFIRST-SF6021 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6778S SIFIRST-SF6778S Datasheet
87Kb / 2P
Built-in 600V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com