Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2800S Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT2800S
Description  Built- in 700V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2800S Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT2800S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT2800S
5/6
High Performance Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
The secondary rectifier diode peak current is determined by the peak current of primary- side
inductance which also
affects the output current. The corresponding relation between the
primary peak current and the secondary peak current is as follows--
( W here IPK: primary peak current ; NP: primary winding turns;
NS: secondary
winding turns;
IPKS :secondary peak current)
And primary inductance peak current is determined by Pin 4 to RCS resistance, the primary
inductance peak current and RCS resistance are in inverse proportion, so only need to adjust CS
resistance to achieve different output currents. Output current Iout and
Primary Current is given by the following equation--
(Where Iout: Output current; Tons: secondary rectifier diode on-time; Toffs: secondary rectifier diode off-time)
Cable Drop- out Compensation
HT2800S is featured with output cable drop- out compensation circuit. When it outputs with
different loads, this certain circuitry compensates cable voltage which is in fixed proportion with
output voltage. The internal circuit will generate one cable drop compensation signal once a
capacitor of 100nF is connected with CPC Pin
Protection Function
To assure a safe and reliable circuit in all application, HT2800S features multiple protection
circuits covering OCP, OVP, FB open-loop protection etc. as integration. Once abnormality is
been defected, Protection mode of all kinds is therefore triggered
.
Note: Referential Replacement Circuitry of typical RCC Circuit
C1
D1-D4
R2
R3
C3
D5
C2
D6
C4
VCC
CPC
GND
CS
FB
HV
R4
U1
HT2800
R5
R6
C5
D7
R7
VO-
VO+
+
-
T1
100-
240Vac
R1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com