Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYBSP01201ABF Datasheet (PDF) - Murata Power Solutions Inc.

MYBSP01201ABF Datasheet PDF - Murata Power Solutions Inc.
Part # MYBSP01201ABF
Download  MYBSP01201ABF Download
File Size   1065.57 Kbytes
Page   18 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated DC-DC converter for PoE PD

MYBSP01201ABF Datasheet (PDF)

Go To PDF Page Download Datasheet
MYBSP01201ABF Datasheet PDF - Murata Power Solutions Inc.

Part # MYBSP01201ABF
Download  MYBSP01201ABF Click to download

File Size   1065.57 Kbytes
Page   18 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated DC-DC converter for PoE PD

MYBSP01201ABF Datasheet (HTML) - Murata Power Solutions Inc.


MYBSP01201ABF Product details

Support IEEE802.3af class0
12W DC-DC converter (12Vout)
37-57V Input Voltage range
14.8 x 26 x 6.2mm Size
84% efficiency (typical, 12Vout),
Surface mount module
2250Vdc Input-Output Isolation
Operating Temperature range -40 to +85 °C




Similar Part No. - MYBSP01201ABF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MYBSP01201ABF MURATA-MYBSP01201ABF Datasheet
779Kb / 12P
Isolated DC-DC converter for PoEPD
More results


Similar Description - MYBSP01201ABF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
30W PoE PD and DC-DC Controller
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Murata Manufacturing Co...
MYBSP01201ABF MURATA-MYBSP01201ABF Datasheet
779Kb / 12P
Isolated DC-DC converter for PoEPD
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
Isolated DC-DC converter for PoE PD
2018
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com