Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKA0312SC Datasheet (PDF) - Murata Power Solutions Inc.

NKA0312SC Datasheet PDF - Murata Power Solutions Inc.
Part # NKA0312SC
Download  NKA0312SC Download
File Size   449.22 Kbytes
Page   9 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated Sub-Miniature 1W Dual Output DC-DC Converters

NKA0312SC Datasheet (PDF)

Go To PDF Page Download Datasheet
NKA0312SC Datasheet PDF - Murata Power Solutions Inc.

Part # NKA0312SC
Download  NKA0312SC Click to download

File Size   449.22 Kbytes
Page   9 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated Sub-Miniature 1W Dual Output DC-DC Converters

NKA0312SC Datasheet (HTML) - Murata Power Solutions Inc.


NKA0312SC Product details

Efficiency up to 82%
3kVDC isolation ‘Hi Pot Test’
Wide temperature performance at full
1 Watt load, –40°C to 85°C
Industry standard pinout
Power sharing on output
3.3V, 5V & 12V inputs
3.3V, 5V, 9V, 12V & 15V outputs
Internal SMD construction
No external components required
MTTF up to 1.6 Million hours
No electrolytic or tantalum capacitors
Pin compatible with NMA & MEA1 series




Similar Part No. - NKA0312SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NKA0312SC MURATA-NKA0312SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
More results


Similar Description - NKA0312SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
1W 3KV Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com