Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKA Datasheet (PDF) - C&D Technologies

NKA Datasheet PDF - C&D Technologies
Part # NKA
Download  NKA Download
File Size   104.91 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated Sub-Miniature 1W Dual Output DC-DC Converters

NKA Datasheet (PDF)

Go To PDF Page Download Datasheet
NKA Datasheet PDF - C&D Technologies

Part # NKA
Download  NKA Click to download

File Size   104.91 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated Sub-Miniature 1W Dual Output DC-DC Converters

NKA Datasheet (HTML) - C&D Technologies


NKA Product details

DESCRIPTION
The NKA sub-miniature series of industrial temperature range DC-DC converters are the standard building blocks for on-board distributed power systems. The series offers smaller package size, improved efficiency, lower output ripple and 3kVDC isolation capability through the use of state of the art packaging and technology. Ideally suited for providing dual rail supplies on primarily digital boards with the added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1watt.

FEATURES
■ New Sub-Miniature SIP & DIP Package Styles
■ 3kVDC Isolation
■ Efficiency up to 82%
■ Wide Temperature performance at full 1 Watt load, –40°C to 85°C
■ Increased Power Density to 1.35W/cm3
■ UL 94V-0 Package Material
■ Reduced Footprint at 0.98cm2
■ Dual Output from a Single Input Rail
■ Industry Standard Pinout
■ Power Sharing on Output
■ 3.3V, 5V & 12V Input
■ 3.3V, 5V, 9V, 12V and 15V Output
■ No Heatsink Required
■ Internal SMD Construction
■ Fully Encapsulated with Toroidal Magnetics
■ No External Components Required
■ MTTF up to 1.6 Million hours
■ No Electrolytic or Tantalum Capacitors




Similar Part No. - NKA

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NKA MURATA-PS-NKA Datasheet
449Kb / 9P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
2022
logo
Murata Manufacturing Co...
NKA0303DC MURATA-NKA0303DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0303SC MURATA-NKA0303SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0305DC MURATA-NKA0305DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0305SC MURATA-NKA0305SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
More results


Similar Description - NKA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
1W 3KV Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com