Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMA Datasheet (PDF) - C&D Technologies

NMA Datasheet PDF - C&D Technologies
Part # NMA
Download  NMA Download
File Size   168.75 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 1W Dual Output DC-DC Converters

NMA Datasheet (PDF)

Go To PDF Page Download Datasheet
NMA Datasheet PDF - C&D Technologies

Part # NMA
Download  NMA Click to download

File Size   168.75 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description Isolated 1W Dual Output DC-DC Converters

NMA Datasheet (HTML) - C&D Technologies


NMA Product details

DESCRIPTION
The NMA series of industrial temperature range DC-DC converters are the standard building blocks for on-board distributed power systems. They are ideally suited for providing dual rail supplies on primarily digital boards with the added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1watt.

FEATURES
■ Wide Temperature performance at full 1 Watt load, –40°C to 85°C
■ Dual Output from a Single Input Rail
■ Industry Standard Pinout
■ Power Sharing on Output
■ 1kVDC Isolation
■ Efficiency to 78%
■ Power Density up to 0.85W/cm3
■ 5V & 12V Input
■ 5V, 9V, 12V and 15V Output
■ Footprint from 1.17cm2
■ UL 94V-0 Package Material
■ No Heatsink Required
■ Internal SMD Construction
■ Toroidal Magnetics
■ Fully Encapsulated
■ No External Components Required
■ MTTF up to 2.1 Million hours
■ Custom Solutions Available
■ No Electrolytic or Tantalum Capacitors




Similar Part No. - NMA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
Automotive Grade Ceramic Chip Capacitors
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Micronetics, Inc.
NMA-2001 MICRONETICS-NMA-2001 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2002 MICRONETICS-NMA-2002 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2003 MICRONETICS-NMA-2003 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
More results


Similar Description - NMA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com