Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMA Datasheet(PDF) 1 Page - C&D Technologies

Part # NMA
Description  Isolated 1W Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMA Datasheet(HTML) 1 Page - C&D Technologies

  NMA Datasheet HTML 1Page - C&D Technologies NMA Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SELECTION GUIDE
FEATURES
s
Dual Output from a Single Input Rail
s
Industry Standard Pinout
s
Power Sharing on Output
s
1kVDC Isolation
s
Efficiency to 80%
s
Power Density 0.85W/cm3
s
24V & 48V Input
s
5V, 9V, 12V and 15V Output
s
Footprint from 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
Custom Solutions Available
DESCRIPTION
The NMA series of DC-DC converters are the
standard building blocks for on-board
distributed power systems. They are ideally
suited to providing dual rail supplies on
primarily digital boards with the added
benefit of galvanic isolation to reduce
switching noise. All of the rated power may
be drawn from a single pin provided the total
load does not exceed 1 Watt.
Nominal
Input
Output
Output
Voltage
Voltage
Current
MTTF1
Order Code
(V)
(V)
(mA)
(%)
(pF)
kHrs
NMA2405D
24
5
±100
70
39
194
NMA2409D
24
9
±55
80
50
166
DIP
NMA2412D
24
12
±42
80
65
134
NMA2415D
24
15
±33
80
95
101
NMA2405S
24
5
±100
70
39
194
NMA2409S
24
9
±55
80
50
166
SIP
NMA2412S
24
12
±42
80
65
134
NMA2415S
24
15
±33
80
95
101
NMA4805D
48
5
±100
70
26
206
NMA4809D
48
9
±55
80
38
174
DIP
NMA4812D
48
12
±42
80
52
139
NMA4815D
48
15
±33
80
56
104
NMA4805S
48
5
±100
70
26
206
NMA4809S
48
9
±55
80
38
174
SIP
NMA4812S
48
12
±42
80
52
139
NMA4815S
48
15
±33
80
56
104
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 24V input types
21.6
24
26.4
Voltage Range
Continuous operation, 48V input types
43.2
48
52.8
V
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 70°C
1
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.2
%/%
10% load to rated load, 5V output types
15
Load Regulation
10% load to rated load, all other output types
10
%
Ripple & Noise BW=DC to 20MHz, all input types
150
mV p-p
Short-circuit duration3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMA24 types
28V
Input voltage VIN, NMA48 types
54V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMA 24V & 48V SERIES
Isolated 1W Dual Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NMA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
Automotive Grade Ceramic Chip Capacitors
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Micronetics, Inc.
NMA-2001 MICRONETICS-NMA-2001 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2002 MICRONETICS-NMA-2002 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
NMA-2003 MICRONETICS-NMA-2003 Datasheet
180Kb / 1P
NMA 2000 NOISE SOURCE SERIES
More results

Similar Description - NMA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com