Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKA Datasheet(PDF) 1 Page - C&D Technologies

Part # NKA
Description  Isolated Sub-Miniature 1W Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NKA Datasheet(HTML) 1 Page - C&D Technologies

  NKA Datasheet HTML 1Page - C&D Technologies NKA Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NKA SERIES
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
www.dc-dc.com
SELECTION GUIDE
FEATURES
s
New Sub-Miniature SIP & DIP
Package Styles
s
3kVDC Isolation
s
Efficiency up to 82%
s
Wide Temperature performance at
full 1 Watt load, –40°C to 85°C
s
Increased Power Density to
1.35W/cm3
s
UL 94V-0 Package Material
s
Reduced Footprint at 0.98cm2
s
Dual Output from a Single Input Rail
s
Industry Standard Pinout
s
Power Sharing on Output
s
3.3V, 5V & 12V Input
s
3.3V, 5V, 9V, 12V and 15V Output
s
No Heatsink Required
s
Internal SMD Construction
s
Fully Encapsulated with Toroidal
Magnetics
s
No External Components Required
s
MTTF up to 1.6 Million hours
s
No Electrolytic or Tantalum
Capacitors
DESCRIPTION
The NKA sub-miniature series of industrial
temperature range DC-DC converters are the
standard building blocks for on-board
distributed power systems. The series offers
smaller package size, improved efficiency,
lower output ripple and 3kVDC isolation
capability through the use of state of the art
packaging and technology. Ideally suited for
providing dual rail supplies on primarily
digital boards with the added benefit of
galvanic isolation to reduce switching noise.
All of the rated power may be drawn from a
single pin provided the total load does not
exceed 1watt.
Nominal
Input
Input
Output
Output
Current at
Isolation
Voltage
Voltage
Current
Rated Load Efficiency
Capacitance MTTF1
OrderCode
†
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NKA0303S
3.3
3.3
±163
407
74
20
195
NKA0305S
3.3
5
±100
383
79
22
1121
NKA0312S
3.3
12
±42
390
78
31
375
NKA0315S
3.3
15
±33
384
79
32
206
NKA0503S
5
3.3
±163
259
77
20
205
NKA0505S
5
5
±100
285
70
21
1697
NKA0505SE
5
5
±100
249
80
26
1557
NKA0509S
5
9
±55
263
76
25
682
NKA0512S
5
12
±42
255
78
28
343
NKA0515S
5
15
±33
253
79
29
188
NKA1205S
12
5
±100
112
74
33
559
NKA1209S
12
9
±55
106
79
48
375
NKA1212S
12
12
±42
104
81
55
243
NKA1215S
12
15
±33
102
82
60
154
† For DIP package style replace suffix S with D, eg NKA0312D.
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve.
3 12V input types have typically 3% less load regulation change.
4 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 3.3V input types 2.97
3.3
3.63
Voltage Range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types 10.8
12
13.2
Reflected Ripple Current
3.3V input types
30
60
mA p-p
All other types
20
35
Short circuit duration 4
1 second
Internal power dissipation
550mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage V
IN, NKA03 types
5.5V
Input voltage V
IN, NKA05 types
7V
Input voltage V
IN, NKA12 types
15V
INPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
OUTPUT CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
T
A = -40°C to 120°C
1
W
Voltage Set Point
Accuracy
See tolerance envelope
Line regulation
High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 0312 & 0315
8
14
10% load to rated load, 3.3V output types
10
15
10% load to rated load, 5V output types
10
12
Load Regulation3
10% load to rated load, 9V output types
6.5
8
%
10% load to rated load, 12V output types
6
8.5
10% load to rated load, 15V output types
6
7
BW=DC to 20MHz, 0312 & 0315
25
60
BW=DC to 20MHz, 3.3V output types
40
80
BW=DC to 20MHz, 5V output types
50
75
Ripple and Noise
BW=DC to 20MHz, 9V output types
40
65
mV p-p
BW=DC to 20MHz, 12V output types
40
60
BW=DC to 20MHz, 15V output types
40
60


Similar Part No. - NKA

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NKA MURATA-PS-NKA Datasheet
449Kb / 9P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
2022
logo
Murata Manufacturing Co...
NKA0303DC MURATA-NKA0303DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0303SC MURATA-NKA0303SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0305DC MURATA-NKA0305DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0305SC MURATA-NKA0305SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
More results

Similar Description - NKA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
1W 3KV Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com