Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC4270 Datasheet (PDF) - Qorvo, Inc

QPC4270 Datasheet PDF - Qorvo, Inc
Part # QPC4270
Download  QPC4270 Download
File Size   1105.82 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω SPST Absorptive Switch (1 – 3300 MHz)

QPC4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC4270 Datasheet PDF - Qorvo, Inc

Part # QPC4270
Download  QPC4270 Click to download

File Size   1105.82 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω SPST Absorptive Switch (1 – 3300 MHz)

QPC4270 Datasheet (HTML) - Qorvo, Inc


QPC4270 Product details

Product Features
• 1 to 3300MHz operation
• High Power Handling
• High Isolation: 96 dB at 5 MHz; 62 dB at 1000 MHz
• Low Insertion Loss: 0.17 dB at 50 MHz; 0.46dB at
1000 MHz
• 18dB Return Loss through 1.8GHz
• High Input IP2: 134.6 dBm at 1000MHz
• CMOS / TTL single-pin control
• Single supply operation from 2.7 to 5V




Similar Part No. - QPC4270

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043EVB-01 QORVO-QPC4043EVB-01 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043SB QORVO-QPC4043SB Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043SR QORVO-QPC4043SR Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043TR7 QORVO-QPC4043TR7 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
More results


Similar Description - QPC4270

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
logo
SIRENZA MICRODEVICES
SS-80 SIRENZA-SS-80 Datasheet
396Kb / 1P
SPST Flatpack RF Switch 1-300 MHz
logo
Microsemi Corporation
GG71120 MICROSEMI-GG71120 Datasheet
91Kb / 2P
ABSORPTIVE SPST SWITCH MODULES with Bias Circuit
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
ABSORPTIVE SPST SWITCH MODULES with TTL Driver
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
ABSORPTIVE SPST SWITCH with TTL Driver
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS RF Switch
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
Absorptive SPST UltraCMOS?
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com