Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC4043 Datasheet (PDF) - Qorvo, Inc

QPC4043 Datasheet PDF - Qorvo, Inc
Part # QPC4043
Download  QPC4043 Download
File Size   1010.54 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 5 ??000MHz Voltage Controlled Attenuator

QPC4043 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC4043 Datasheet PDF - Qorvo, Inc

Part # QPC4043
Download  QPC4043 Click to download

File Size   1010.54 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 5 ??000MHz Voltage Controlled Attenuator

QPC4043 Datasheet (HTML) - Qorvo, Inc


QPC4043 Product details

Key Features
Patented Circuit Architecture
Over 25dB of attenuation range
Frequency range of 5MHz to 3000MHz
Low insertion loss of 1.2dB at 1200MHz
Operates over wide supply voltage range of 3V to
5.5V
Supply current: 5mA (typical)
Excellent distortion characteristics with IIP3 >
45dBm
Linear in dB control characteristic
High 1dB Compression Point >+30dBm




Similar Part No. - QPC4043

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC4270 QORVO-QPC4270 Datasheet
1Mb / 15P
75Ω SPST Absorptive Switch (1 – 3300 MHz)
Rev G, October 31, 2021
QPC4270PCK-01 QORVO-QPC4270PCK-01 Datasheet
1Mb / 15P
75Ω SPST Absorptive Switch (1 – 3300 MHz)
Rev G, October 31, 2021
QPC4270SB QORVO-QPC4270SB Datasheet
1Mb / 15P
75Ω SPST Absorptive Switch (1 – 3300 MHz)
Rev G, October 31, 2021
QPC4270SR QORVO-QPC4270SR Datasheet
1Mb / 15P
75Ω SPST Absorptive Switch (1 – 3300 MHz)
Rev G, October 31, 2021
QPC4270TR7 QORVO-QPC4270TR7 Datasheet
1Mb / 15P
75Ω SPST Absorptive Switch (1 – 3300 MHz)
Rev G, October 31, 2021
More results


Similar Description - QPC4043

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
75 廓 RF Digital Attenuator
logo
RF Micro Devices
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
75 Voltage Controlled Attenuator (5 ??3000 MHz)
QPC3614 QORVO-QPC3614 Datasheet
2Mb / 19P
75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com