Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2509SA Datasheet (PDF) - NXP Semiconductors

PCK2509SA Datasheet PDF - NXP Semiconductors
Part # PCK2509SA
Download  PCK2509SA Download
File Size   79.02 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50-150 MHz 1:9 SDRAM clock driver

PCK2509SA Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2509SA Datasheet PDF - NXP Semiconductors

Part # PCK2509SA
Download  PCK2509SA Click to download

File Size   79.02 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50-150 MHz 1:9 SDRAM clock driver

PCK2509SA Datasheet (HTML) - NXP Semiconductors


PCK2509SA Product details

DESCRIPTION
The PCK2509SA is a high-performance, low-skew, low-jitter, phase-locked loop (PLL) clock driver. It uses a PLL to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock (CLK) input signal. It is specifically designed for use with synchronous DRAMs. The PCK2509SA operates at 3.3 V VCC and is input compatible with both 2.5 V and 3.3 V input voltage ranges. It also provides integrated series-damping resistors that make it ideal for driving point-to-point loads.

FEATURES
• Phase-Locked Loop Clock distribution for PC100/PC133 SDRAM applications
• JEDEC compliant operation—PLL reamins locked when outputs are disabled.
• See PCK2509SL for low power version where PLL goes into standby when outputs are disabled..
• Spread Spectrum clock compatible
• Operating frequency 50 to 150 MHz
• (tphase error – jitter) at 100 to133 MHz = ±50 ps
• Jitter (peak-peak) at 100 to 133 MHz = ± 80 ps
• Jitter (cycle-cycle) at 100 to 133 MHz = 65 ps
• Pin-to-pin skew < 200 ps
• Available in plastic 24-Pin TSSOP
• Distributes one clock input to one bank of five outputs and one bank of four outputs
• External Feedback (FBIN) terminal Is used to synchronize the outputs to the clock input
• On-Chip series damping resistors
• No external RC network required
• Operates at 3.3 V
• Inputs compatible with 2.5 V and 3.3 V ranges
• See page 7 for Characteristic curves




Similar Part No. - PCK2509SA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SL PHILIPS-PCK2509SL Datasheet
79Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SLDH PHILIPS-PCK2509SLDH Datasheet
79Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2509SPW PHILIPS-PCK2509SPW Datasheet
70Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
More results


Similar Description - PCK2509SA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
1:9 TTL CLOCK DRIVER
1996 REV 4
logo
NXP Semiconductors
PCK2509S PHILIPS-PCK2509S Datasheet
70Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
1999 Oct 19
PCK2509SL PHILIPS-PCK2509SL Datasheet
79Kb / 10P
50-150 MHz 1:9 SDRAM clock driver
2000 Dec 01
PCK2510S PHILIPS-PCK2510S Datasheet
81Kb / 10P
50-150 MHz 1:10 SDRAM clock driver
1999 Dec 13
PCK2510SA PHILIPS-PCK2510SA Datasheet
78Kb / 10P
50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
PCK2510SL PHILIPS-PCK2510SL Datasheet
78Kb / 10P
50-150 MHz 1:10 SDRAM clock driver
2000 Dec 01
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com