Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2509SA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2509SA
Description  50-150 MHz 1:9 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2509SA Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2509SA Datasheet HTML 1Page - NXP Semiconductors PCK2509SA Datasheet HTML 2Page - NXP Semiconductors PCK2509SA Datasheet HTML 3Page - NXP Semiconductors PCK2509SA Datasheet HTML 4Page - NXP Semiconductors PCK2509SA Datasheet HTML 5Page - NXP Semiconductors PCK2509SA Datasheet HTML 6Page - NXP Semiconductors PCK2509SA Datasheet HTML 7Page - NXP Semiconductors PCK2509SA Datasheet HTML 8Page - NXP Semiconductors PCK2509SA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
PCK2509SA
50–150 MHz 1:9 SDRAM clock driver
2000 Dec 01
4
FUNCTIONAL BLOCK DIAGRAM
FBOUT
AVCC
FBIN
CLK
1G
11
24
13
23
PLL
2Y3
2Y2
2Y1
2Y0
1Y4
1Y3
1Y2
1Y1
1Y0
3
4
5
8
9
21
20
17
16
12
SW00388
2G
14
The PLL clock distribution device and A[L]VC registered drivers reduce
signal loads on the memory controller and prevent timing delays and
waveform distortions that would cause unreliable operation
A[L]VC
PCK2509SA
A[L]VC
FRONT SIDE
A[L]VC
SW00431



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com