Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789520 Datasheet (PDF) - PHOENIX CONTACT

1789520 Datasheet PDF - PHOENIX CONTACT
Part # 1789520
Download  1789520 Download
File Size   585.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-GF-3,5 P20 THR - PCB header

1789520 Datasheet (PDF)

Go To PDF Page Download Datasheet
1789520 Datasheet PDF - PHOENIX CONTACT

Part # 1789520
Download  1789520 Click to download

File Size   585.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-GF-3,5 P20 THR - PCB header

1789520 Datasheet (HTML) - PHOENIX CONTACT


1789520 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MC 1,5/..-GF-THR,
pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1789520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789524 PHOENIX-1789524 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-24
More results


Similar Description - 1789520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789504 PHOENIX-1789504 Datasheet
129Kb / 8P
Printed-circuit board connector - MC 1,5/ 8-GF-3,5 P20 THR
09/12/2020
1843871 PHOENIX-1843871 Datasheet
801Kb / 18P
PCB header - MC 1,5/10-GF-3,5
Jul 21, 2022
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1789203 PHOENIX-1789203 Datasheet
738Kb / 16P
PCB header - MC 1,5/ 4-GF-3,5 P26 THR
Jan 3, 2023
1843790 PHOENIX-1843790 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 2-GF-3,5
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1843910 PHOENIX-1843910 Datasheet
770Kb / 17P
PCB header - MC 1,5/14-GF-3,5
1789229 PHOENIX-1789229 Datasheet
741Kb / 16P
MC 1,5/ 5-GF-3,5 P26 THR - PCB header
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com