Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI9327 Datasheet (PDF) - Yili Technology Co., Ltd All Rights Reserved.

ILI9327 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.
Part # ILI9327
Download  ILI9327 Download
File Size   2280.4 Kbytes
Page   191 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx432 Resolution and 262K color

ILI9327 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILI9327 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.

Part # ILI9327
Download  ILI9327 Click to download

File Size   2280.4 Kbytes
Page   191 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx432 Resolution and 262K color

ILI9327 Datasheet (HTML) - Yili Technology Co., Ltd All Rights Reserved.


ILI9327 Product details

Features
Display resolution: [240xRGB](H) x 432(V)
Output:
720 source outputs
432 gate outputs
Common electrode output
a-TFT LCD driver with on-chip full display RAM: 233,280 bytes
MCU Interface
MIPI DBI
Type B 16-/18- bit, 8-/9- bit
Type C 4-line 9bit (Option 1), 8bit (Option 3)
MIPI DPI
Type B 16-/18- bit
MIPI DCS command sets
MDDI high speed serial interface
Display mode:
Full color mode: 262K-color
Separate RGB gamma
Reduced color mode: 8-colors (3-bits MSB bits mode)
On chip functions:
VCOM generator and adjustment
Timing generator
Oscillator
DC/DC converter
Line/frame inversion
MTP:
7-bits for VCOM adjustment

Low -power consumption architecture
Low operating power supplies:
IOVcc = 1.65V ~ 3.6V (interface I/O)
Vci = 2.5V ~ 3.6V (analog)
LCD Voltage drive:
Source/VCOM power supply voltage
DDVDH - GND = 4.5V ~ 6.0V
VCL – GND = -2.0V ~ -3.0V
VCI – VCL ≦ 6.0V
Gate driver output voltage
VGH - GND = 10V ~ 20V
VGL – GND = -5V ~ -15V
VGH – VGL ≦ 30V
VCOM driver output voltage
VCOMH = 3.0V ~ (DDVDH-0.5)V
VCOML = (VCL+0.5)V ~ 0V
VCOMH - VCOML ≦ 6.0V
Operate temperature range: -40℃ to 85℃




Similar Part No. - ILI9327

ManufacturerPart #DatasheetDescription
logo
Yili Technology Co., Lt...
ILI9320 ILITEK-ILI9320 Datasheet
1Mb / 115P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 16.7M color
V0.41
logo
List of Unclassifed Man...
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
logo
Yili Technology Co., Lt...
ILI9328 ILITEK-ILI9328 Datasheet
1Mb / 106P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
V0.1
More results


Similar Description - ILI9327

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9341 ETC2-ILI9341 Datasheet
3Mb / 233P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9486 ETC2-ILI9486 Datasheet
187Kb / 19P
a-Si TFT LCD Single Chip Driver with 320RGBx480 Resolution and 262K color
ILI9341V ETC1-ILI9341V Datasheet
3Mb / 249P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
ILI9225 ETC2-ILI9225 Datasheet
1Mb / 113P
a-Si TFT LCD Single Chip Driver 176RGBx220 Resolution and 262K color
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9342 ETC1-ILI9342 Datasheet
1Mb / 216P
a-Si TFT LCD Single Chip Driver 320RGBx240 Resolution and 262K color
ILI9481 ETC1-ILI9481 Datasheet
1Mb / 140P
a-Si TFT LCD Single Chip Driver 320RGBx480 Resolution and 262K color
ILI9163 ETC1-ILI9163 Datasheet
2Mb / 183P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9163C ETC1-ILI9163C Datasheet
6Mb / 200P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com