Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILI9320 Datasheet (PDF) - Yili Technology Co., Ltd All Rights Reserved.

ILI9320 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.
Part # ILI9320
Download  ILI9320 Download
File Size   1247.09 Kbytes
Page   115 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 16.7M color

ILI9320 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILI9320 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.

Part # ILI9320
Download  ILI9320 Click to download

File Size   1247.09 Kbytes
Page   115 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 16.7M color

ILI9320 Datasheet (HTML) - Yili Technology Co., Ltd All Rights Reserved.


ILI9320 Product details

Features
Single chip solution for a liquid crystal QVGA TFT LCD display
240RGBx320-dot resolution capable with real 262,144 display color
Dithering image processing implemented to provide 16.7-million color display quality
Support MVA (Multi-domain Vertical Alignment) wide view display
Incorporate 720-channel source driver and 320-channel gate driver
Internal 172,800 bytes graphic RAM
High-speed RAM burst write function
System interfaces
i80 system interface with 8-/ 9-/16-/18-bit bus width
Serial Peripheral Interface (SPI)
RGB interface with 6-/16-/18-bit bus width (VSYNC, HSYNC, DOTCLK, ENABLE, DB[17:0])
VSYNC interface (System interface + VSYNC)
n-line liquid crystal AC drive: invert polarity at an interval of arbitrarily n lines (n: 1 ~ 64)
Internal oscillator and hardware reset
Resizing function (×1/2, ×1/4)
Reversible source/gate driver shift direction
Window address function to specify a rectangular area for internal GRAM access
Bit operation function for facilitating graphics data processing
Bit-unit write data mask function
Pixel-unit logical/conditional write function
Abundant functions for color display control
γ-correction function enabling display in 262,144 colors
Line-unit vertical scrolling function
Partial drive function, enabling partially driving an LCD panel at positions specified by user
Incorporate step-up circuits for stepping up a liquid crystal drive voltage level up to 6 times (x6)
Power saving functions
8-color mode
standby mode
sleep mode
Low -power consumption architecture
Low operating power supplies:
IOVcc = 1.65V ~ 3.3 V (interface I/O)
Vcc = 2.4V ~ 3.3 V (internal logic)
Vci = 2.5V ~ 3.3 V (analog)
LCD Voltage drive:
Source/VCOM power supply voltage
DVDH - GND = 4.5V ~ 6.0
VCL – GND = -2.0V ~ -3.0V
VCI – VCL ≦ 6.0V
Gate driver output voltage
VGH - GND = 10V ~ 20V
VGL – GND = -5V ~ -15V
VGH – VGL ≦ 32V
VCOM driver output voltage
VCOMH = 3.0V ~ (DDVDH-0.5)V
VCOML = (VCL+0.5)V ~ 0V
VCOMH-VCOML ≦ 6.0V
a-TFT LCD storage capacitor: Cst only




Similar Part No. - ILI9320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
logo
Yili Technology Co., Lt...
ILI9327 ILITEK-ILI9327 Datasheet
2Mb / 191P
a-Si TFT LCD Single Chip Driver 240RGBx432 Resolution and 262K color
V0.06
ILI9328 ILITEK-ILI9328 Datasheet
1Mb / 106P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
V0.1
More results


Similar Description - ILI9320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9341 ETC2-ILI9341 Datasheet
3Mb / 233P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9341V ETC1-ILI9341V Datasheet
3Mb / 249P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
ILI9225 ETC2-ILI9225 Datasheet
1Mb / 113P
a-Si TFT LCD Single Chip Driver 176RGBx220 Resolution and 262K color
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9342 ETC1-ILI9342 Datasheet
1Mb / 216P
a-Si TFT LCD Single Chip Driver 320RGBx240 Resolution and 262K color
ILI9481 ETC1-ILI9481 Datasheet
1Mb / 140P
a-Si TFT LCD Single Chip Driver 320RGBx480 Resolution and 262K color
ILI9163 ETC1-ILI9163 Datasheet
2Mb / 183P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9163C ETC1-ILI9163C Datasheet
6Mb / 200P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9806E ETC-ILI9806E Datasheet
7Mb / 328P
a-Si TFT LCD Single-Chip Driver 480(RGB)x864 Resolution, 16.7M-color Without internal GRAM
V097-20140324
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com