Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6830BCSWZ Datasheet (PDF) - Analog Devices

ADBMS6830BCSWZ Datasheet PDF - Analog Devices
Part # ADBMS6830BCSWZ
Download  ADBMS6830BCSWZ Download
File Size   2061.65 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel Multicell Battery Monitor

ADBMS6830BCSWZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS6830BCSWZ Datasheet PDF - Analog Devices

Part # ADBMS6830BCSWZ
Download  ADBMS6830BCSWZ Click to download

File Size   2061.65 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel Multicell Battery Monitor

ADBMS6830BCSWZ Datasheet (HTML) - Analog Devices


ADBMS6830BCSWZ Product details

GENERAL DESCRIPTION
The ADBMS6830B is a multicell battery stack monitor that measures
up to 16 series-connected battery cells with a lifetime total
measurement error (TME) of less than 2 mV over the full temperature
range. The measurement input range of −2 V to +5.5 V makes
the ADBMS6830B suitable for most battery chemistries and allows
the measurement of voltages across bus bars. Provisions are
made for bypassing bus bars without dedicating any measurement
channels.
All cells can be measured simultaneously and redundantly with
two individual analog-to-digital converters (ADCs). The continuously
operating ADCs with a high sampling rate of 4.096 MHz allow
reduced external analog filtering and aliasing-free measurement
results. Higher noise reduction can be achieved by subsequent
programmable infinite impulse response (IIR) filters.
Multiple ADBMS6830Bs can be connected in series, permitting
simultaneous cell monitoring of long, high voltage battery strings.
Each ADBMS6830B has an isolated serial port interface (isoSPI™)
for high speed, RF immune, long distance communications. Multiple
devices are connected in a daisy chain with one host processor
connection. This daisy chain can be operated bidirectionally, ensuring
communication integrity even in the event of a fault along the
communication path.
The ADBMS6830B can be powered from the battery stack or an
isolated supply. The ADBMS6830B includes passive balancing with
individual pulse-width modulation (PWM) duty cycle control and up
to 300 mA discharge current for each cell. Other features include an
on-board 5 V regulator, up to 10 GPIOs, and a sleep mode, where
current consumption is reduced to 4 μA.
FEATURES
► Measures up to 16 battery cells in series
► Maximum lifetime TME: ±1.8 mV at 3.3 V per cell (–40°C to
+125°C)
► Simultaneous and continuous measurement of cell voltages
► Configurable integrated low-pass filtering
► Stackable architecture for high voltage battery packs
► Built-in isoSPI interface
► 2 Mbps isolated serial communications
► Uses a single twisted pair, up to 20 meters per segment
► Low EMI susceptibility and emissions
► Bidirectional for broken wire protection
► Capacitor or transformer-coupled
► Hot plug tolerant without external protection
► Passive cell balancing up to 300 mA per channel with programmable
PWM
► Up to 10 general-purpose analog inputs or digital I/O
► Temperature or other sensor inputs
► Configurable as an I2C or SPI master
► LPCM for cell and temperature monitoring in key-off state
► 4 μA sleep mode supply current
► Provisions for bus bars
APPLICATIONS
► Backup battery systems
► Grid energy storage
► Battery cell and pack management




Similar Part No. - ADBMS6830BCSWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
ADBMS6830 AD-ADBMS6830 Datasheet
149Kb / 2P
16-Channel Multicell Battery Monitor
Rev. SpE
ADBMS6830 AD-ADBMS6830_V01 Datasheet
149Kb / 2P
16-Channel Multicell Battery Monitor
Rev. SpE
More results


Similar Description - ADBMS6830BCSWZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
Multicell Battery Monitor
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
ADBMS6817M AD-ADBMS6817M Datasheet
185Kb / 2P
8-Channel Multicell Battery Monitor
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com