Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1593L Datasheet (PDF) - BusBoard Prototype Systems Ltd.

1593L Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # 1593L
Download  1593L Download
File Size   961.53 Kbytes
Page   4 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1593L handheld plastic enclosure packaged with a matching BPS ProtoBoard 2-hole per strip PCB.

1593L Datasheet (PDF)

Go To PDF Page Download Datasheet
1593L Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # 1593L
Download  1593L Click to download

File Size   961.53 Kbytes
Page   4 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1593L handheld plastic enclosure packaged with a matching BPS ProtoBoard 2-hole per strip PCB.

1593L Datasheet (HTML) - BusBoard Prototype Systems Ltd.


1593L Product details

Features
ProtoBoard saves time! The PCB is designed
specifically for the Hammond 1593L box.
No cutting is required. The mounting holes are
present in the right spots.
The convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
Lead free etched copper PCB with an
anti-tarnish coating for easy soldering.




Similar Part No. - 1593L

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1593L HAMMOND-1593L Datasheet
186Kb / 1P
Hand Held Instrument (1593L)
logo
BusBoard Prototype Syst...
1593L BUSBOARD-1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
logo
Hammond Manufacturing L...
1593L HAMMOND-1593L Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593L HAMMOND-1593L Datasheet
258Kb / 3P
ABS Plastic Hand Held/Instrument Enclosures
6/25/2018
1593LALBK HAMMOND-1593LALBK Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
More results


Similar Description - 1593L

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1553DBAT BUSBOARD-1553DBAT Datasheet
2Mb / 6P
A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590B BUSBOARD-1590B Datasheet
986Kb / 5P
A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BB BUSBOARD-1590BB Datasheet
940Kb / 5P
A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com