Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1593K Datasheet (PDF) - BusBoard Prototype Systems Ltd.

1593K Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # 1593K
Download  1593K Download
File Size   961.25 Kbytes
Page   4 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.

1593K Datasheet (PDF)

Go To PDF Page Download Datasheet
1593K Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # 1593K
Download  1593K Click to download

File Size   961.25 Kbytes
Page   4 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.

1593K Datasheet (HTML) - BusBoard Prototype Systems Ltd.




Similar Part No. - 1593K

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
logo
Hammond Manufacturing L...
1593K HAMMOND-1593K Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593K HAMMOND-1593K Datasheet
258Kb / 3P
ABS Plastic Hand Held/Instrument Enclosures
6/25/2018
1593KALBK HAMMOND-1593KALBK Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593KALGY HAMMOND-1593KALGY Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
More results


Similar Description - 1593K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1553DBAT BUSBOARD-1553DBAT Datasheet
2Mb / 6P
A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590B BUSBOARD-1590B Datasheet
986Kb / 5P
A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BB BUSBOARD-1590BB Datasheet
940Kb / 5P
A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
PR1590B BUSBOARD-PR1590B Datasheet
569Kb / 3P
A prototyping board designed for the Hammond 1590B die-cast aluminum enclosure.
Rev 4.00
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com