Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1593K Datasheet (PDF) - BusBoard Prototype Systems Ltd.

1593K Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # 1593K
Download  1593K Download
File Size   209.46 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A prototyping board designed for the Hammond 1593K handheld enclosure.

1593K Datasheet (PDF)

Go To PDF Page Download Datasheet
1593K Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # 1593K
Download  1593K Click to download

File Size   209.46 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description A prototyping board designed for the Hammond 1593K handheld enclosure.

1593K Datasheet (HTML) - BusBoard Prototype Systems Ltd.


1593K Product details

Features
ProtoBoard saves time! The PCB is designed
specifically for the Hammond 1593K box.
No cutting is required. The mounting holes are
present in the right spots.
The convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
Lead free etched copper PCB with an
anti-tarnish coating for easy soldering.




Similar Part No. - 1593K

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Hammond Manufacturing L...
1593K HAMMOND-1593K Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593K HAMMOND-1593K Datasheet
258Kb / 3P
ABS Plastic Hand Held/Instrument Enclosures
6/25/2018
1593KALBK HAMMOND-1593KALBK Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593KALGY HAMMOND-1593KALGY Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
More results


Similar Description - 1593K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
PR1590B BUSBOARD-PR1590B Datasheet
569Kb / 3P
A prototyping board designed for the Hammond 1590B die-cast aluminum enclosure.
Rev 4.00
PR1590BB BUSBOARD-PR1590BB Datasheet
422Kb / 3P
A prototyping board designed for the Hammond 1590BB die-cast aluminum enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com