Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1593K Datasheet (PDF) - Hammond Manufacturing Ltd.

1593K Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1593K
Download  1593K Download
File Size   258.03 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held/Instrument Enclosures

1593K Datasheet (PDF)

Go To PDF Page Download Datasheet
1593K Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1593K
Download  1593K Click to download

File Size   258.03 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held/Instrument Enclosures

1593K Datasheet (HTML) - Hammond Manufacturing Ltd.


1593K Product details

Key Features
Electronic instrument enclosures, ideally suited for mounting printed circuit boards.
Ergonomically designed for a comfortable fit into the user’s hand.
Designed to meet IP54 ratings.
Recessed top for membrane display or pad.
Units with battery door use our long life "three snap" door.
Lap joint construction provides protection against dust accumulation and splashing water.
Molded in a choice of black, grey, or transparent blue general purpose ABS plastic with a satin texture.
Unit is secured with self tapping screws.
Black and transparent blue enclosures include black screws, grey includes nickel finish
screws.




Similar Part No. - 1593K

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1593K BUSBOARD-1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
logo
Hammond Manufacturing L...
1593K HAMMOND-1593K Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593KALBK HAMMOND-1593KALBK Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593KALGY HAMMOND-1593KALGY Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
More results


Similar Description - 1593K

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3660-B BUD-HP-3660-B Datasheet
225Kb / 2P
HAND HELD PLASTIC STYLE 3
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
HAND HELD PLASTIC STYLE 2
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
1593L HAMMOND-1593L Datasheet
186Kb / 1P
Hand Held Instrument (1593L)
logo
Bud Industries, Inc.
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
HAND-HELD PLASTIC BOX (STYLE 1)
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com