Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBD12 Datasheet (PDF) - NXP Semiconductors

PDIUSBD12 Datasheet PDF - NXP Semiconductors
Part # PDIUSBD12
Download  PDIUSBD12 Download
File Size   167.07 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB interface device with parallel bus

PDIUSBD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDIUSBD12 Datasheet PDF - NXP Semiconductors

Part # PDIUSBD12
Download  PDIUSBD12 Click to download

File Size   167.07 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description USB interface device with parallel bus

PDIUSBD12 Datasheet (HTML) - NXP Semiconductors


PDIUSBD12 Product details

Description

The PDIUSBD12 is a cost and feature optimized USB device. It is normally used in microcontroller based systems and communicates with the system microcontroller over the high-speed general purpose parallel interface. It also supports local DMA transfer.



Features

■ Complies with the Universal Serial Bus specification Rev. 2.0 (basic speed)

■ High performance USB interface device with integrated SIE, FIFO memory, transceiver and voltage regulator

■ Compliant with most Device Class specifications

■ High-speed (2 Mbytes/s) parallel interface to any external microcontroller or microprocessor

■ Fully autonomous DMA operation

■ Integrated 320 bytes of multi-configuration FIFO memory

■ Double buffering scheme for main endpoint increases throughput and eases real-time data transfer

■ Data transfer rates: 1 Mbytes/s achievable in Bulk mode, 1 Mbits/s achievable in Isochronous mode

■ Bus-powered capability with very good EMI performance

■ Controllable LazyClock output during suspend

■ Software controllable connection to the USB bus (SoftConnect™)

■ Good USB connection indicator that blinks with traffic (GoodLink™)

■ Programmable clock frequency output

■ Complies with the ACPI, OnNOW and USB power management requirements

■ Internal Power-on reset and low-voltage reset circuit

■ Available in SO28 and TSSOP28 pin packages

■ Full industrial grade operation from −40 to +85 °C

■ Higher than 8 kV in-circuit ESD protection lowers cost of extra components

■ Full-scan design with high fault coverage (>99%) ensures high quality

■ Operation with dual voltages: 3.3 ±0.3 V or extended 5 V supply range of 4.0 to 5.5 V

■ Multiple interrupt modes to facilitate both bulk and isochronous transfers.



 




Similar Part No. - PDIUSBD12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD11 PHILIPS-PDIUSBD11 Datasheet
119Kb / 20P
USB device with serial interface
1999 Jul 22
PDIUSBD11D PHILIPS-PDIUSBD11D Datasheet
119Kb / 20P
USB device with serial interface
1999 Jul 22
PDIUSBD11N PHILIPS-PDIUSBD11N Datasheet
119Kb / 20P
USB device with serial interface
1999 Jul 22
More results


Similar Description - PDIUSBD12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBD11 PHILIPS-PDIUSBD11 Datasheet
119Kb / 20P
USB device with serial interface
1999 Jul 22
logo
SMSC Corporation
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
logo
Future Technology Devic...
FT122 FTDI-FT122 Datasheet
1Mb / 47P
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
logo
Future Technology Devic...
FT120T-R FTDI-FT120T-R Datasheet
1Mb / 40P
USB Device Controller with Parallel Bus IC
logo
Nanjing Qinheng Microel...
CH372 WCH-CH372 Datasheet
222Kb / 13P
USB Bus Interface ChIp
CH374 WCH-CH374 Datasheet
220Kb / 13P
USB Bus Interface ChIp
CH375 WCH-CH375 Datasheet
244Kb / 15P
USB Bus Interface ChIp
CH3723 WCH-CH3723 Datasheet
68Kb / 2P
USB Bus Interface ChIp
logo
Microchip Technology
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com