Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet (PDF) - Future Technology Devices International Ltd.

FT120T-R Datasheet PDF - Future Technology Devices International Ltd.
Part # FT120T-R
Download  FT120T-R Download
File Size   1627.74 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Device Controller with Parallel Bus IC

FT120T-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FT120T-R Datasheet PDF - Future Technology Devices International Ltd.

Part # FT120T-R
Download  FT120T-R Click to download

File Size   1627.74 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Device Controller with Parallel Bus IC

FT120T-R Datasheet (HTML) - Future Technology Devices International Ltd.


FT120T-R Product details

The FT120 is a USB controller developed independently with close consideration of the industry classic, D12 chip. It communicates with a microcontroller over the generic parallel interface. The FT120 has the following advanced features:

• USB 2.0 Full Speed compatible.
• High performance USB device controller with integrated SIE, endpoint buffer, transceiver and voltage regulators.
• Supports 8-bit parallel interface to external microcontroller.
• Supports DMA operation
• Integrated 320 bytes of configurable endpoint buffer
• Ping-pong buffer scheme for primary endpoint increases data transfer throughput
• Multiple interrupt modes to facilitate both bulk and isochronous transfers.
• Dedicated clock output pin with programmable clock frequency (4 – 24 MHz)
• 30 kHz output clock provided during suspend.
• Integrated D+ pull-up resistor for USB connection
• USB connection indicator that toggles with USB transmit and receive activities.
• Supports bus-powered or self-powered applications.
• Single power supply operation at 3.3V or 5V.
• Internal 1.8V and 3.3V LDO regulators
• Integrated power-on-reset circuit.
• UHCI/OHCI/EHCI host controller compatible.
• -40°C to 85°C extended operating temperature range.
• Available in Pb-free TSSOP-28 and QFN-28 packages (RoHS compliant).

Typical Applications
• Provide USB port to Microcontrollers
• Provide USB port to FPGA’s
• USB Industrial Control
• Mass storage data transfers for multitude of embedded systems applications, including medical, industrial data-logger, powermetering, and test instrumentation
• Utilising USB to add system modularity
• Isochronous support for video applications in security, industrial control, and quality inspections




Similar Part No. - FT120T-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT121 FTDI-FT121 Datasheet
1Mb / 46P
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT121Q-x FTDI-FT121Q-x Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT121T-U FTDI-FT121T-U Datasheet
1Mb / 46P
Future Technology Devices International Ltd.
FT121T-x FTDI-FT121T-x Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
More results


Similar Description - FT120T-R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
USB interface device with parallel bus
Rev. 08-20 December 2001
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Future Technology Devic...
FT122 FTDI-FT122 Datasheet
1Mb / 47P
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com