Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
9
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
4 Function Description
The FT120 is a USB device controller which interfaces with microcontrollers via a generic 8-bit parallel
bus.
4.1 Functional Block Descriptions
The following sections describe the function of each block. Please refer to the block diagram shown in
Figure 2-1.
+1.8V LDO Regulator. The +1.8V LDO regulator generates the +1.8V reference voltage for the internal
core of the IC with input capabilities from 3.3V or 5V.
+3.3V LDO Regulator. The +3.3V LDO regulator generates the +3.3V supply voltage for the USB
transceiver. An external decoupling capacitor needs to be attached to the VOUT3V3 regulator output pin.
The regulator also provides +3.3V power to the 1.5kΩ internal pull up resistor on USBDP pin. The
allowable input voltages are 5V or 3.3V. When using 3.3V as the input voltage, the VCC and VOUT3V3
pins should be tied together. This will result in the regulator being by-passed.
USB Transceiver. The USB Transceiver cell provides the USB 1.1 / USB 2.0 full-speed physical interface.
Output drivers provide +3.3V level slew rate control , while a differential input and two single ended
input receivers provide data in, Single-Ended-0 (SE0) and USB reset detection conditions respectfully. A
1.5kΩ pull up resistor on USBDP is incorporated.
DPLL. The DPLL cell locks on to the incoming NRZI USB data and generates recovered clock and data
signals.
Internal Oscillator. The Internal Oscillator cell generates a 6MHz reference clock from the 6MHz crystal.
The Oscillator also has the capability of running from an external clock applied on the OSCI pin. This
provides an input to the Clock Multiplier function.
Clock Multiplier. The 12MHz and 48MHz reference clock signals for various internal blocks can be
generated from the 6 MHz via the oscillator functions and clock multiplier circuitry.
Serial Interface Engine (SIE). The Serial Interface Engine (SIE) block performs the parallel to serial
and serial to parallel conversion of the USB data. In accordance with the USB 2.0 specification, it
performs bit stuffing/un-stuffing and CRC5/CRC16 generation. It also checks the CRC on the USB data
stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com