Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
11
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
5
Endpoint Buffer Management
The FT120 has 3 physical endpoints (EP0, EP1 and EP2) or 6 logical endpoints (EPI0-EPI5). EP0 is the
control endpoint, with 16 bytes maximum packet size for both control OUT (EPI0) and control IN (EPI1)
endpoint. EP1 can be used as either a bulk endpoint or an interrupt endpoint, with 16 bytes maximum
packet size for both OUT (EPI2) and IN (EPI3) endpoints. Table 5-1 shows the endpoint type and
maximum packet size for EP0 and EP1.
Endpoint
Number
Endpoint
Index (EPI)
Endpoint
Direction
Transfer Type
Max Packet Size
0
0
1
OUT
IN
Control
Control
16
16
1
2
3
OUT
IN
Bulk/Interrupt
Bulk/Interrupt
16
16
Table 5-1 Endpoint configuration for EP0 and EP1
EP2 is the primary endpoint. It can be configured as either a bulk/interrupt or isochronous endpoint. The
maximum packet size allowed for EP2 depends on the mode of configuration through the Set Mode
command. Table 5-2 shows all the 4 endpoint configuration modes for EP2.
Endpoint
Configuration
Mode (EP2)
Endpoint
Index (EPI)
Endpoint
Direction
Transfer Type
Max Packet Size
0
(default)
4
5
OUT
IN
Bulk/Interrupt
Bulk/Interrupt
64
64
1
4
OUT
Isochronous
128
2
5
IN
Isochronous
128
3
4
5
OUT
IN
Isochronous
Isochronous
64
64
Table 5-2 Endpoint configuration for EP2
As the primary endpoint, EP2 is suitable for transmitting or receiving relatively large data. To improve the
data throughput, a pair of buffers (the ‘ping-pong’ buffer) is implemented for EP2 buffering. This allows
the concurrent operation between USB bus access and MCU or DMA local bus access. For example, for
EP2 IN endpoint (EPI5), the USB host can read data from FT120 ping buffer while the local MCU is writing
to the pong buffer at the same time. The USB host can subsequently read from FT120 pong buffer
without waiting for it to be filled. Buffer switching is handled automatically by FT120.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com