Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
27
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVDif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
29
-
44
Including external
22 Ω ±1% series
resistor
Table 8-4 USB I/O Pin (USBDP, USBDM) Characteristics
8.3 AC Characteristics
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of Operation
(see Note 1)
5.997
6.000
6.003
MHz
Duty Cycle
45
50
55
%
Table 8-5 Crystal or clock Characteristics (OSCI, OSCO pins)
Note 1: Equivalent to ±500ppm
Symbol
Parameter
Min
Max
Unit
ALE Timings:
tLH
ALE High Pulse Width
20
ns
tAVLL
Address Valid to ALE Low Time
10
ns
tLLAX
ALE Low to Address Transition Time
10
ns
Write Timings:
tCLWL
CS_n (DMACK_n) Low to WR_n Low Time
0
ns
tWHCH
WR_n High to CS_n (DMACK_n) High Time
5
ns
tAVWL
A0 Valid to WR_n Low Time
0
ns
tWHAX
WR_n High to A0 Transition Time
5
ns
tWL
WR_n Low Pulse Width
20
ns
tWDSU
Write Data Setup Time
30
ns
tWDH
Write Data Hold Time
10
ns
tWC
Write Cycle Time
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com