Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
17
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Bit
Symbol
Reset
Description
memory.
4
Auto Reload
0
Automatically restart the DMA operation.
0: DMA needs to restart by software
1: DMA will restart automatically after the previous DMA
transfer finishes
5
Interrupt Pin Mode
0
0: normal operation. Interrupt will generate if any bit in
the interrupt register is set.
1: interrupt will generate upon receiving SOF packet or if
any bit in the interrupt register is set.
6
EPI4 Interrupt Enable
0
Interrupt Enable for endpoint index 4. During DMA
operation, EPI4 interrupt should be turned off to avoid
un-necessary interrupt service.
7
EPI5 Interrupt Enable
0
Interrupt Enable for endpoint index 5. During DMA
operation, EPI5 interrupt should be turned off to avoid
un-necessary interrupt service.
Table 6-6 DMA Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com