Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
23
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
6.4 General Commands
6.4.1 Read Current Frame Number
Command
: F5h
Data
: Read One or Two Bytes
Bit
Symbol
Reset
Description
7-0
Frame Number LSB
00h
Frame number for last received SOF, byte 1 (least
significant byte)
Table 6-14 Frame Number LSB Register
Bit
Symbol
Reset
Description
2-0
Frame Number MSB
0b’000
Frame number for last received SOF, byte 2 (Most
significant byte)
7-3
Reserved
0b’00000
Reserved
Table 6-15 Frame Number MSB Register
6.4.2 Send Resume
Command
: F6h
Data
: None
To perform remote-wakeup when suspended, the MCU needs to issue Send Resume command. The
FT120 will send an upstream resume signal for a period of 10 ms. If the clock is not running during
suspend, the MCU needs to wakeup FT120 by drive SUSPEND pin to LOW, followed by Send Resume
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com