Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
15
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
EP_Enable
0
Enable EP1 and EP2 endpoints (Note EP0 is always
enabled regardless of the setting of EP_Enable bit).
Endpoints can only be enabled when the function is
enabled.
7-1
Reserved
0b’0000000 Reserved, write to 0
Table 6-3 Endpoint Enable Register
6.2.3 Set Mode
Command
: F3h
Data
: Write 2 bytes
Bit
Symbol
Reset
Description
0
Reserved
0
Reserved, write to 0
1
No Suspend Clock
1
0: CLKOUT switches to 30 KHz during USB suspend
1: CLKOUT remains unchanged during USB suspend
Note: The programmed value will not be changed by a
bus reset.
2
Clock Running
1
0: internal clocks stop during USB suspend
1: internal clocks continue running during USB suspend
This bit must be set to ‘0’ for bus powered application in
order to meet the USB suspend current requirement.
Note: The programmed value will not be changed by a
bus reset.
3
Interrupt Mode
1
0: interrupt will not generate on NAK or Error
transactions
1: interrupt will generate on NAK and Error transactions
Note: The programmed value will not be changed by a
bus reset.
4
DP_Pullup
0
0: Pullup resistor on USBDP pin disabled
1: Pullup resistor on USBDP pin enabled when Vbus is
present
Note: The programmed value will not be changed by a
bus reset.
5
Reserved
0
Reserved, write to 0
7-6
Endpoint Configuration
Mode
0b’00
Set the endpoint configuration mode for EP2.
00: Mode 0 (Non-ISO Mode)
01: Mode 1 (ISO-OUT Mode)
10: Mode 2 (ISO-IN Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com