Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
16
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Bit
Symbol
Reset
Description
11: Mode 3 (ISO-IO Mode)
Table 6-4 Configuration Register (Byte 1)
Bit
Symbol
Reset
Description
3-0
Clock Division Factor
0b’1011
The Clock Division Factor value (CDF) determines the
output clock frequency on the CLKOUT pin. Frequency =
48 MHz / (CDF +1), where CDF ranges 1-12 or the
allowed CLKOUT frequency is 4-24 MHz. Default CLKOUT
is 4 MHz.
When the CDF is programmed to 0b’1111, the CLKOUT
will be turned off. It is recommended to turn off the
CLKOUT if it not used, for power saving (about 3mA).
Note: The programmed value will not be changed by a
bus reset.
5-4
Reserved
0b’00
Reserved, write to 0
6
SET_TO_ONE
0
This bit must be set to 1
7
SOF-only Interrupt
Mode
0
0: normal operation
1: interrupt will generate on receiving SOF packet only,
regardless of the value of the Interrupt Pin Mode bit in
the DMA configuration register.
Table 6-5 Clock Division Factor Register (Byte 2)
6.2.4 Set DMA
Command
: FBh
Data
: Read/Write 1 byte
Bit
Symbol
Reset
Description
1-0
DMA Burst
0b’00
Set the DMA burst size
00: Single cycle mode
01: 4 cycle burst mode
10: 8 cycle burst mode
11: 16 cycle burst mode
2
DMA Enable
0
Enable DMA operation
0: DMA operation is disabled
1: DMA operation is enabled
FT120 will clear this bit upon EOT_n assertion.
3
DMA Direction
0
This bit indicates the DMA read or write operation.
0: DMA read. Data read from FT120 OUT buffer to
system memory.
1: DMA write. Data write to FT120 IN buffer from system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com