Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Bit
Symbol
Reset
Description
7
Endpoint Stalled
0
0: endpoint is not stalled
1: endpoint is stalled
Table 6-12 Endpoint Buffer Status Register
6.3.5 Read Buffer
Command
: F0h
Data
: Read multiple bytes
The Read Buffer command is used to read the received packet from the selected endpoint OUT buffer.
The data in the endpoint buffer is organized as follows:
o
byte 0: reserved, don’t care
o
byte 1: length of payload packet
o
byte 2: Payload packet byte 1
o
byte 3: Payload packet byte 2
o
o
byte n: Payload packet byte n (n = packet length + 2)
For DMA read operation the first two bytes are skipped. Only the payload packet itself will be read and
stored in system memory.
6.3.6 Write Buffer
Command
: F0h
Data
: Write multiple bytes
The Write Buffer command is used to write payload packet to the selected endpoint IN buffer.
The data must be organized in the same way as described in the Read Buffer command. Byte 0 should
always be set to 00h.
For DMA write operation the first two bytes are skipped. Only the payload packet itself shall be written to
the selected endpoint OUT buffer. Buffer is validated when the max packet size is reached, or when the
DMA transfer is terminated by EOT_n (usually the last packet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com