Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
19
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
6.3.2 Select Endpoint
Command
: 00-05h (0ih where ‘i’ is the endpoint index (EPI) as defined in Table 5-1 and
Table 5-2)
Data
: Optional Read 1 byte
Bit
Symbol
Reset
Description
0
Full/Empty
0
0: selected endpoint buffer is empty
1: selected endpoint buffer is not empty
1
Stall
0
0: selected endpoint is not stalled
1: selected endpoint is stalled
7-2
Reserved
0b’xxxxxx
Reserved
Table 6-9 Endpoint Status Register
6.3.3 Read Last Transaction Status
Command
: 40-45h (4ih where ‘i’ is the endpoint index (EPI) as defined in Table 5-1 and
Table 5-2)
Data
: Read 1 byte
Bit
Symbol
Reset
Description
0
Data Receive/Transmit
Success
0
0: indicate USB data receive or transmit not OK
1: indicate USB data receive or transmit OK
4-1
Error Code
0b’0000
Refer to Table 6-11
5
Setup Packet
0
0: indicate not a setup packet
1: indicate last received packet has a SETUP token
6
Data 0/1 Packet
0
0: packet has a DATA0 token
1: packet has a DATA1 token
7
Previous Status not
Read
0
0: previous transaction status was read
0: previous transaction status was not read
Table 6-10 Endpoint Last Transaction Status Register
Error Code
Result
0000
No error
0001
PID encoding error
0010
PID unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com