Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
14
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Command Name
Target
Code (hex)
Data phase
Endpoint 2 IN
85h
Read 1 byte
Read Buffer
Selected Endpoint
F0h
Read multiple bytes
Write Buffer
Selected Endpoint
F0h
Write multiple bytes
Set Endpoint Status
Endpoint 0 OUT
40h
Write 1 byte
Endpoint 0 IN
41h
Write 1 byte
Endpoint 1 OUT
42h
Write 1 byte
Endpoint 1 IN
43h
Write 1 byte
Endpoint 2 OUT
44h
Write 1 byte
Endpoint 2 IN
45h
Write 1 byte
Acknowledge Setup
Selected Endpoint
F1h
None
Clear Buffer
Selected Endpoint
F2h
None
Validate Buffer
Selected Endpoint
FAh
None
General Commands
Read Current Frame Number
Device
F5h
Read 1 or 2 bytes
Send Resume
Device
F6h
None
Table 6-1 FT120 command set
6.2 Initialization Commands
6.2.1 Set Address Enable
Command
: D0h
Data
: Write 1 byte
Bit
Symbol
Reset
Description
6-0
Address
0b’0000000 USB assigned device address. A bus reset will reset all
address bits to 0.
7
Enable
0
Function enable. A bus reset will automatically enable the
function at default address 0.
Table 6-2 Address Enable Register
6.2.2 Set Endpoint Enable
Command
: D8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com