Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
8
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
PIN No.
(TSSOP-
28)
PIN No.
(QFN-
28)
PIN NAME
TYPE
DESCRIPTION
should be left unconnected
24
20
VCC
P
Power supply (3.3V or 5V)
25
22
USBDM
AIO
USB data signal minus
26
23
USBDP
AIO
USB data signal plus
27
24
VOUT3V3
P
3.3V regulator output for 5V operation;
To operate the IC at 3.3 V, supply 3.3 V to both
the VCC and VOUT3V3 pins
28
25
A0
I
Address bit for non-multiplexed address/data bus
configuration.
- A0=1 indicates command phase;
- A0=0 indicates data phase.
This pin must be pulled High for multiplexed
address/data bus configuration.
-
29
GND
P
Ground. Die pad for QFN-28 package.
Table 3-1 FT120 Pin Description
Note, symbol used for pin TYPE:
OD
: Open Drain Output
O
: Output
IO
: Bi-directional Input and Output
I
: Plain input
AIO
: Analog Input and Output
P
: Power or ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com