Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
7
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
3.3 Pin Description
PIN No.
(TSSOP-
28)
PIN No.
(QFN-
28)
PIN NAME
TYPE
DESCRIPTION
1
26
DATA0
IO
Data bus bit 0.
2
27
DATA1
IO
Data bus bit 1.
3
28
DATA2
IO
Data bus bit 2.
4
1
DATA3
IO
Data bus bit 3.
5
21
GND
P
Ground.
6
2
DATA4
IO
Data bus bit 4.
7
3
DATA5
IO
Data bus bit 5.
8
4
DATA6
IO
Data bus bit 6.
9
5
DATA7
IO
Data bus bit 7.
10
6
ALE
I
Address latch enable for multiplexed address/data
bus configuration.
This pin must be pulled Low for non-multiplexed
address/data bus configuration.
11
7
CS_n
I
Chip select (Active Low).
12
8
SUSPEND
I,OD
Device suspend (output) and wakeup (input).
13
9
CLKOUT
O
Programmable output clock.
14
10
INT_n
OD
Interrupt (Active Low).
15
11
RD_n
I
Read enable (Active Low).
16
12
WR_n
I
Write enable (Active Low).
17
13
DMREQ
O
DMA request.
18
14
DMACK_n
I
DMA acknowledge (Active Low).
19
15
EOT_n
I
End of DMA transfer (Active Low). Also function
as Vbus sensing input for self-powered
application. _n_n_n_n
20
16
RESET_n
I
Asynchronous reset (Active Low).
21
17
GL_n
OD
USB bus activity indicator (Active Low)
22
18
OSCI
I
Crystal connection input (6MHz); alternatively, a
1.8V square wave clock can be applied.
23
19
OSCO
O
Crystal connection output (6MHz) ; if the external
clock signal is connected to OSCI, then OSCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com