Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
29
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Figure 8-2 Parallel interface timing
Symbol
Parameter
Min
Max
Unit
Single-cycle DMA Timings:
tRHSH
DMREQ High to RD_n/WR_n High Time
120
ns
tAHRH
DMACK_n High to DMREQ High Time
330
ns
tSHAH
RD_n/WR_n High to DMACK_n High Time
130
ns
tEL
EOT_n Low Pulse Width (Simultaneous DMACK_n, RD_n/WR_n
and EOT_n low time)
10
ns
Burst DMA Timings:
tSLRL
RD_n/WR_n Low to DMREQ Low Time
40
ns
tRHSH
DMREQ High to RD_n/WR_n High Time
120
ns
tSHAH
RD_n/WR_n High to DMACK_n High Time
130
ns
EOT Timings:
tELRL
EOT_n Low to DMREQ Low Time
40
ns
Table 8-7 DMA timing characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com