Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
22
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
6.3.7 Clear Buffer
Command
: F2h
Data
: None
The Clear Buffer command should be issued after all data has been read out from the endpoint buffer.
This is to free the buffer to receive next packet from USB host.
6.3.8 Validate Buffer
Command
: FAh
Data
: None
The Validate Buffer command should be issued after all data has been written to the endpoint buffer. This
is to set the buffer full flag so that the packet can be sent to USB host when IN token arrives.
6.3.9 Set Endpoint Status
Command
: 40-45h (4ih where ‘i’ is the endpoint index (EPI) as defined in Table 5-1 and
Table 5-2)
Data
: Write 1 byte
Bit
Symbol
Reset
Description
0
Stall
0
0: Disable the endpoint STALL state.
1: Enable the endpoint STALL state.
For EP0 OUT (control OUT endpoint) the STALL state will
automatically be cleared by receiving a SETUP packet.
When this bit is cleared, the endpoint will reinitialize. Any
data in the endpoint buffer will be flushed away, and the
PID for next packet will carry DATA0 flag.
7-1
Reserved
0b’xxxxxxx Reserved
Table 6-13 Endpoint Control Register
6.3.10 Acknowledge Setup
Command
: F1h
Data
: None
When receiving a SETUP packet the FT120 will flush the IN buffer and disable the Validate Buffer and
Clear Buffer commands for both IN and OUT endpoints. The MCU shall read and process the SETUP
packet, and then issue the Acknowledge Setup command to re-enable the Validate Buffer and Clear
Buffer commands. The Acknowledge Setup command must be sent to both IN and OUT endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com