Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
20
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
Error Code
Result
0011
Unexpected packet
0100
Token CRC error
0101
Data CRC error
0110
Time out error
0111
Reserved
1000
Unexpected EOP
1001
Packet NAKed
1010
Sent stall
1011
Buffer overflow
1101
Bit stuff error
1111
Wrong DATA PID
Table 6-11 Transaction error code
6.3.4 Read Endpoint Status
Command
: 80-85h (8ih where ‘i’ is the endpoint index (EPI) as defined in Table 5-1 and
Table 5-2)
Data
: Read 1 byte
Bit
Symbol
Reset
Description
1-0
Reserved
0b’00
Reserved
2
Setup packet
0
0: indicate not a setup packet
1: indicate last received packet has a SETUP token
4-3
Reserved
0b’xx
Reserved
5
Buffer 0 Full
0
0: ping buffer is not filled up
1: ping buffer is filled up
6
Buffer 1 Full
0
0: pong buffer is not filled up
1: pong buffer is filled up
Note: this bit only applicable to EP2 which supports ping-
pong buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com