Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT120T-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT120T-R
Description  USB Device Controller with Parallel Bus IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT120T-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT120T-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT120T-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Copyright © 2014 Future Technology Devices International Limited
26
Document No.: FT_000646
FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC
Datasheet Version 1.2
Clearance No.: FTDI#
291
8.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC1
VCC Operating Supply
Voltage
4.0
5.0
5.5
V
Normal Operation
VCC2
VCC Operating Supply
Voltage
3.0
3.3
3.6
V
Regulator by-pass
mode Operation
Icc1
Operating Supply
Current
5
mA
Normal Operation,
USB bus transmit
or receive,
CLKOUT off
Icc2
Operating Supply
Current
8
mA
Normal Operation,
USB bus transmit
or receive,
CLKOUT = 12 MHz
Icc3
Operating Supply
Current
84
μA
USB Suspend,
Clock Running =
‘0’, excluding the
DP_Pullup current
VOUT3V3
3.3v regulator output
3.0
3.3
3.6
V
VCC=5V
Table 8-2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
3.6
V
I source = 4mA
Vol
Output Voltage Low
0.4
V
I sink = 4mA
Vih
Input Voltage High
2.0
V
Vil
Input Voltage Low
-
0.8
V
Table 8-3 digital I/O Pin Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
(High)
2.8
3.6
V
RL = 1.5kΩ to 3.6
V
UVol
I/O Pins Static Output
(Low)
-
0.3
V
RL = 15kΩ to GND
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential Common
Mode
0.8
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com