Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6324 Datasheet (PDF) - Qorvo, Inc

QPC6324 Datasheet PDF - Qorvo, Inc
Part # QPC6324
Download  QPC6324 Download
File Size   1713.25 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Absorptive, High Isolation SPDT Switch

QPC6324 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC6324 Datasheet PDF - Qorvo, Inc

Part # QPC6324
Download  QPC6324 Click to download

File Size   1713.25 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Absorptive, High Isolation SPDT Switch

QPC6324 Datasheet (HTML) - Qorvo, Inc


QPC6324 Product details

Key Features
• 5 MHz to 6000 MHz Operation
• Non-Reflective (RFX ports)
• Terminated All-Off State mode
• No Blocking Caps needed unless voltage is on RF Line
• High Isolation: RFC-RFX: 63 dB at 2 GHz
RFX-RFX: 63 dB at 2 GHz
• +1.8 V Logic Compatible




Similar Part No. - QPC6324

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC6014 QORVO-QPC6014 Datasheet
662Kb / 11P
Absorptive High Isolation SPST Switch
Rev F April 26, 2022
QPC6014PCK401 QORVO-QPC6014PCK401 Datasheet
662Kb / 11P
Absorptive High Isolation SPST Switch
Rev F April 26, 2022
QPC6014TR7 QORVO-QPC6014TR7 Datasheet
662Kb / 11P
Absorptive High Isolation SPST Switch
Rev F April 26, 2022
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
QPC6044PCK410 QORVO-QPC6044PCK410 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results


Similar Description - QPC6324

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com