Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3620PCBA-410 Datasheet (PDF) - Qorvo, Inc

RFAM3620PCBA-410 Datasheet PDF - Qorvo, Inc
Part # RFAM3620PCBA-410
Download  RFAM3620PCBA-410 Download
File Size   592.38 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Edge QAM MCM 1218MHz 36dB

RFAM3620PCBA-410 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFAM3620PCBA-410 Datasheet PDF - Qorvo, Inc

Part # RFAM3620PCBA-410
Download  RFAM3620PCBA-410 Click to download

File Size   592.38 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Edge QAM MCM 1218MHz 36dB

RFAM3620PCBA-410 Datasheet (HTML) - Qorvo, Inc


RFAM3620PCBA-410 Product details

Product Features
▪ Excellent Linearity
▪ Extremely High Output Capability
▪ Voltage Controlled Attenuator
▪ Power Enable Feature
▪ Extremely Low Distortion
▪ Optimal Reliability
▪ Low Noise
▪ Unconditionally Stable Under all Terminations
▪ 36 dB Min Gain at 1218 MHz
▪ 510 mA Typical at 12 VDC
▪ Temperature sensing feature




Similar Part No. - RFAM3620PCBA-410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
More results


Similar Description - RFAM3620PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
75 34dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com