Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT3520FB Datasheet (PDF) - OSRAM GmbH

PLT3520FB Datasheet PDF - OSRAM GmbH
Part # PLT3520FB
Download  PLT3520FB Download
File Size   1527.42 Kbytes
Page   18 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Metal Can TO38 Green Laser Diode in TO38 ICut Package

PLT3520FB Datasheet (PDF)

Go To PDF Page Download Datasheet
PLT3520FB Datasheet PDF - OSRAM GmbH

Part # PLT3520FB
Download  PLT3520FB Click to download

File Size   1527.42 Kbytes
Page   18 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Metal Can TO38 Green Laser Diode in TO38 ICut Package

PLT3520FB Datasheet (HTML) - OSRAM GmbH


PLT3520FB Product details

Features
- Optical output power (continuous wave): 50 mW (TC = 25°C)
- Typical emission wavelength: 520 nm
- Efficient radiation source for cw and pulsed operation
- Single mode semiconductor laser
- High modulation bandwidth
- Miniaturized TO38 ICut package
- Laser diode isolated against package





Similar Part No. - PLT3520FB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT3520D OSRAM-PLT3520D Datasheet
859Kb / 11P
Augmented Reality, Mixed Reality
More results


Similar Description - PLT3520FB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PL520 OSRAM-PL520 Datasheet
307Kb / 9P
Green Laser Diode in TO38 ICut Package
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PL450B OSRAM-PL450B Datasheet
413Kb / 9P
Blue Laser Diode in TO38 ICut Package
PL520B OSRAM-PL520B Datasheet
298Kb / 7P
Green Laser Diode in TO38 ICut Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
PL-450B OSRAM-PL-450B Datasheet
413Kb / 9P
Blue Laser Diode in TO38 ICut Package
PL-520 OSRAM-PL-520 Datasheet
316Kb / 8P
Green Laser Diode in TO38 ICut Package
PLPT9450D_EA01 OSRAM-PLPT9450D_EA01 Datasheet
1Mb / 16P
Metal Can® Blue Laser Diode in TO90 Package
Version 1.3 2021-04-01
logo
ams AG
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com