Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT3520FB Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PLT3520FB
Description  Metal Can TO38 Green Laser Diode in TO38 ICut Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT3520FB Datasheet(HTML) 5 Page - OSRAM GmbH

  PLT3520FB Datasheet HTML 1Page - OSRAM GmbH PLT3520FB Datasheet HTML 2Page - OSRAM GmbH PLT3520FB Datasheet HTML 3Page - OSRAM GmbH PLT3520FB Datasheet HTML 4Page - OSRAM GmbH PLT3520FB Datasheet HTML 5Page - OSRAM GmbH PLT3520FB Datasheet HTML 6Page - OSRAM GmbH PLT3520FB Datasheet HTML 7Page - OSRAM GmbH PLT3520FB Datasheet HTML 8Page - OSRAM GmbH PLT3520FB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PLT3 520FB
DATASHEET
DATASHEET
5 | Version 0.1 | 2023-06-21
Characteristics
P
opt = 50 mW (B1 - B3); Tc = 25 °C
Parameter
Symbol
Values
Operating current 3)
I
op
typ.
max.
110 mA
130 mA
Operating voltage 4)
V
op
typ.
max.
5.8 V
6.5 V
Peak wavelength 5)
λ
peak
min.
typ.
max.
510 nm
520 nm
530 nm
Spectral bandwidth (FWHM)
∆λ
typ.
1 nm
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
min.
typ.
max.
6 °
8 °
10 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
19 °
22 °
25 °
Threshold current
I
th
typ.
max.
30 mA
45 mA
TE polarization
P
TE
typ.
100:1
Modulation frequency
f
min.
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com