Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASO Datasheet (PDF) - Sensata Technologies, Inc.

ASO Datasheet PDF - Sensata Technologies, Inc.
Part # ASO
Download  ASO Download
File Size   288.07 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PCB MOUNT

ASO Datasheet (PDF)

Go To PDF Page Download Datasheet
ASO Datasheet PDF - Sensata Technologies, Inc.

Part # ASO
Download  ASO Click to download

File Size   288.07 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PCB MOUNT

ASO Datasheet (HTML) - Sensata Technologies, Inc.


ASO Product details

Features
• Mini-SIP SSR
• Ratings to 2A @ 280 VAC
• SCR output
• DC control
• Zero-crossing (resistive loads) or random-fire
(inductive loads) output




Similar Part No. - ASO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO SCHURTER-ASO Datasheet
328Kb / 3P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
logo
pro-elec
ASO-001 PRO-ELEC-ASO-001 Datasheet
144Kb / 1P
Socket, Trailing, 1Way, White
03/12/13
ASO-001 BLACK PRO-ELEC-ASO-001 BLACK Datasheet
144Kb / 1P
Socket, Trailing, 1Way, White
03/12/13
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
More results


Similar Description - ASO

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ASPF CRYDOM-ASPF Datasheet
454Kb / 4P
PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
PCB Mount
LC241 CRYDOM-LC241 Datasheet
475Kb / 4P
PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
PCB Mount
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
PCB Mount
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
PCB Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com