Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASO-001 Datasheet (PDF) - pro-elec

ASO-001 Datasheet PDF - pro-elec
Part # ASO-001
Download  ASO-001 Download
File Size   144.91 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Socket, Trailing, 1Way, White

ASO-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASO-001 Datasheet PDF - pro-elec

Part # ASO-001
Download  ASO-001 Click to download

File Size   144.91 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Socket, Trailing, 1Way, White

ASO-001 Datasheet (HTML) - pro-elec


ASO-001 Product details

Connector Type : UK Mains
Cable Type : 2 Core Flat
Connector Body Material : Rubber
Voltage Rating : 230V AC
Current Rating : 13A
Gender : Receptacle
No. of Outlets : 1
Number of Cores : 2




Similar Part No. - ASO-001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO SCHURTER-ASO Datasheet
328Kb / 3P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
logo
Sensata Technologies, I...
ASO SENSATA-ASO Datasheet
288Kb / 4P
PCB MOUNT
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
369Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
More results


Similar Description - ASO-001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28528 TI-UCC28528 Datasheet
556Kb / 32P
ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
Molex Electronics Ltd.
0355320306 MOLEX5-0355320306 Datasheet
147Kb / 2P
Bulb Socket Double Housing Assembly, Unsealed, White
0495100206 MOLEX6-0495100206 Datasheet
122Kb / 2P
PT Bulb Socket, Single Housing Assembly, Type B, White
0495040206 MOLEX6-0495040206 Datasheet
122Kb / 2P
PT Bulb Socket Single Housing Assembly, Type A, White
logo
LSI Computer Systems
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
logo
Bedford Opto Technology...
BLA1 BOT-BLA1_12 Datasheet
48Kb / 2P
1Way 3mm LED Standoff
BLA45 BOT-BLA45_12 Datasheet
49Kb / 2P
1Way 3mm LED 45 Degree Standoff
logo
Texas Instruments
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
AIMTEC
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ Datasheet
259Kb / 4P
Leading or Trailing Edge Triac
logo
Neutrik AG
NA2BBNC-D9B NEUTRIK-NA2BBNC-D9B Datasheet
56Kb / 2P
BNC socket - RCA / phono socket, white coded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com