Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR22 Datasheet (PDF) - Sensata Technologies, Inc.

DR22 Datasheet PDF - Sensata Technologies, Inc.
Part # DR22
Download  DR22 Download
File Size   332.23 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE RELAYS

DR22 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR22 Datasheet PDF - Sensata Technologies, Inc.

Part # DR22
Download  DR22 Click to download

File Size   332.23 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE RELAYS

DR22 Datasheet (HTML) - Sensata Technologies, Inc.


DR22 Product details

Features
• Output ratings up to 30 Amps at 200 VDC
• Integral heat sink eliminates the need for complex thermal
calculations
• DBC substrate for superior thermal performance
• LED input status indicator
• IP20 touch-safe housing
• 1kHz Maximum PWM Frequency
• 3750 VAC optical isolation
• C-UL-US approved




Similar Part No. - DR22

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
Sensata Technologies, I...
DR22 SENSATA-DR22 Datasheet
305Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 03/01/2023
DR22 SENSATA-DR22 Datasheet
560Kb / 8P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 10/16/19
DR22 SENSATA-DR22 Datasheet
305Kb / 6P
DR22 SERIES | AC OUTPUT LOW-PROFILE
Rev. 03/01/2023
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
695Kb / 7P
DIN Rail Mount
More results


Similar Description - DR22

ManufacturerPart #DatasheetDescription
logo
celduc-relais
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
Solid State Relay for DIN rail fixation
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
Solid State Relay for DIN rail fixation
XKR24440 CELDUC-XKR24440 Datasheet
100Kb / 2P
Solid State Relay for DIN rail fixation
XKRD30506 CELDUC-XKRD30506 Datasheet
368Kb / 2P
Solid State Relay for DIN rail fixation
logo
Crydom Inc.,
SDR24D12 CRYDOM-SDR24D12 Datasheet
1Mb / 6P
DIN RAIL MOUNTED AC & DC OUTPUT SOLID STATE RELAYS
logo
celduc-relais
XKD CELDUC-XKD Datasheet
620Kb / 3P
Solid State Relay for DIN rail fixation
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com