Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR22 Datasheet (PDF) - Sensata Technologies, Inc.

DR22 Datasheet PDF - Sensata Technologies, Inc.
Part # DR22
Download  DR22 Download
File Size   305.46 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DR22 SERIES | AC OUTPUT LOW-PROFILE

DR22 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR22 Datasheet PDF - Sensata Technologies, Inc.

Part # DR22
Download  DR22 Click to download

File Size   305.46 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DR22 SERIES | AC OUTPUT LOW-PROFILE

DR22 Datasheet (HTML) - Sensata Technologies, Inc.


DR22 Product details

Features
• Output ratings up to 30 Amps at 280 VAC
• Relay configuration
• Compact 22.5 mm wide package
• Snubber circuit
• Built-in overvoltage protection
• IP20 touch-safe housing
• Wide 3-32 VDC control input
• Integrated low-profile heatsink
• C-UL-US approved
Applications
• Industrial ovens
• Plastic injection molding equipment
• Packaging equipment
• Professional cooking equipment
• Lighting control
• HVAC&R




Similar Part No. - DR22

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
Sensata Technologies, I...
DR22 SENSATA-DR22 Datasheet
332Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
DR22 SENSATA-DR22 Datasheet
305Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 03/01/2023
DR22 SENSATA-DR22 Datasheet
560Kb / 8P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 10/16/19
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
695Kb / 7P
DIN Rail Mount
More results


Similar Description - DR22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6286 VISHAY-SFH6286 Datasheet
294Kb / 8P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
26-Apr-04
logo
List of Unclassifed Man...
CX241 ETC-CX241 Datasheet
91Kb / 1P
1.5Amp 120/240Vac AC Output Low Profile SIP
logo
Power-One
MPB150 POWER-ONE-MPB150 Datasheet
97Kb / 4P
Dual-Output AC-DC Series
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
AC Output Modules
logo
Vishay Siliconix
SFH6286-2T VISHAY-SFH6286-2T Datasheet
225Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
24-Mar-11
SFH6286-3T VISHAY-SFH6286-3T Datasheet
189Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
11-Jul-13
SFH628A VISHAY-SFH628A Datasheet
177Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
logo
Crydom Inc.,
84134010H CRYDOM-84134010H Datasheet
673Kb / 8P
AC Output SSRs
logo
Vishay Siliconix
SFH6286 VISHAY-SFH6286_V01 Datasheet
174Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
SFH628A VISHAY-SFH628A_V02 Datasheet
175Kb / 7P
Optocoupler, Phototransistor Output, AC Input, Low Input Current
28-Feb-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com