Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6519 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

6519 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 6519
Download  6519 Download
File Size   4126.19 Kbytes
Page   61 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics

6519 Datasheet (PDF)

Go To PDF Page Download Datasheet
6519 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 6519
Download  6519 Click to download

File Size   4126.19 Kbytes
Page   61 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics

6519 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


6519 Product details

The Type 6518 is a servo-assisted 3/2-way valve and the Type 6519 is a 3/2,
5/2 or 5/3-way valve. Together, they form a product line. The valves can be
used individually or in blocks. The valves work without a continuous air consumption
and are used for the pneumatic control of double or single-acting
actuators. The use of high quality materials makes it possible to use these
valves in the open air and under chemical atmospheres. The product line
contains units with Ex-Approvals and NAMUR flange interface.
Type description




Similar Part No. - 6519

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6519 POMONA-6519 Datasheet
35Kb / 1P
BNC To Miniature Weco Adapter
logo
Christian Bürkert GmbH ...
6519 BURKERT-6519 Datasheet
1Mb / 9P
Pneumatic rotary drive
02.11.2021
6519 BURKERT-6519 Datasheet
2Mb / 14P
Butterfly Valve, rubber seated
26.03.2021
6519 BURKERT-6519 Datasheet
4Mb / 16P
AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
02.02.2024
More results


Similar Description - 6519

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Transcom, Inc.
TPD03-05G18BS TRANSCOM-TPD03-05G18BS Datasheet
85Kb / 1P
5-18GHz 3-Way Power Divider
TPD03-06G18S TRANSCOM-TPD03-06G18S Datasheet
73Kb / 1P
5-18GHz 3-Way Power Divider
logo
Analog Devices
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
Analog Devices
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
3 GHz HDMI 5:2 Crosspoint Transceiver
12/13-Revision 0
logo
TT Electronics.
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
logo
Norgren Ltd
K41DA00KA1KS6 NORGREN-K41DA00KA1KS6 Datasheet
1Mb / 6P
Nugget 200 Spool Valves 1/4", 3/8", 1/2" NPT Air Pilot Actuated 3/2, 5/2, & 5/3 Inline Valves
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com