Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7625 Datasheet (PDF) - Analog Devices

ADV7625 Datasheet PDF - Analog Devices
Part # ADV7625
Download  ADV7625 Download
File Size   412.7 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 GHz HDMI 5:2 Crosspoint Transceiver

ADV7625 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7625 Datasheet PDF - Analog Devices

Part # ADV7625
Download  ADV7625 Click to download

File Size   412.7 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 GHz HDMI 5:2 Crosspoint Transceiver

ADV7625 Datasheet (HTML) - Analog Devices


ADV7625 Product details

GENERAL DESCRIPTION
The ADV7625 is a high performance, five-input, dual-output, High-Definition Multimedia Interface (HDMI®) transceiver with crosspoint and splitter capabilities. The ADV7625 supports 3 GHz video and features two independent HDMI receivers, two independent HDMI transmitters, two audio output ports, two audio input ports, and a pixel port input. The ADV7625 supports all HDCP repeater functions through fully tested Analog Devices, Inc., repeater software libraries and drivers.

FEATURES
   5-input, 2-output crosspoint HDMI transceiver
   HDMI support
      3 GHz video support (up to 4k × 2k)
      Audio return channel (ARC)
      3D TV support
      Content type bits
      CEC 1.4-compatible
      Extended colorimetry
   Character- and icon-based on-screen display (OSD)
      3D OSD overlay on all mandatory 3D formats
      Support for OSD overlay on 3 GHz video formats
   High-bandwidth Digital Content Protection (HDCP 1.4)
   HDCP repeater support: up to 127 KSVs supported
   300 MHz maximum TMDS clock frequency (up to 4k × 2k)
   48-/36-/30-bit Deep Color input modes supported
   Ultralow jitter digital PLL (100% deskew)
   TTL pixel port input
      Allows digital video input to facilitate analog video support
      Interlaced-to-progressive converter
   2 independent HDMI receivers for 5 input ports
      3 GHz support on all inputs
      Adaptive equalizer for cable lengths up to 30 meters
      Flexible internal EDID RAM supports dual EDIDs
      Replication of either dual EDID on any input port
      5 V detect inputs
      Hot Plug assert control outputs
   2 independent HDMI transmitters
      3 GHz support on all outputs
      EDID data extraction
      Hot Plug detect (HPD) inputs
      Audio return channel (ARC) receiver per transmitter
      3 GHz color space converter (CSC) per transmitter
   Audio
      HDMI-compatible audio interface
      2 independent 8-channel audio extraction ports
      2 independent 8-channel audio insertion ports
      S/PDIF (IEC 60958-compatible) digital audio input/output
      Super Audio CD® (SACD) with DSD input/output interface
      High bit rate (HBR) audio
      Dolby® TrueHD
      DTS-HD Master Audio™
      Full audio input and output support
   General
      Interrupt controller
      Standard identification (STDI) circuit
      Software libraries, driver, and application available

APPLICATIONS
   AVR
   Soundbar with HDMI repeater support
   Matrix switch
   Other repeater applications




Similar Part No. - ADV7625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
ADV7622BSTZ-RL AD-ADV7622BSTZ-RL Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
More results


Similar Description - ADV7625

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
2 x 2 Protection Crosspoint Switch
logo
Analog Devices
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Analog Devices
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
Dual Port, Xpressview, 3 GHz HDMI Receiver
10/15-Rev. C to Rev. D
ADV7626 AD-ADV7626 Datasheet
386Kb / 24P
3 GHz HDMI 2:2 Crosspoint Transceiver
12/13-Revision 0
ADV7627 AD-ADV7627 Datasheet
383Kb / 24P
3 GHz HDMI 5:1 Transceiver with On-Screen Display
12/13-Revision 0
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
40 Gbps HDMI 2:2 Crosspoint Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com