Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7623 Datasheet (PDF) - Analog Devices

ADV7623 Datasheet PDF - Analog Devices
Part # ADV7623
Download  ADV7623 Download
File Size   76.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HDMI Transceiver with Fast Port Switching

ADV7623 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7623 Datasheet PDF - Analog Devices

Part # ADV7623
Download  ADV7623 Click to download

File Size   76.75 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HDMI Transceiver with Fast Port Switching

ADV7623 Datasheet (HTML) - Analog Devices


ADV7623 Product details

GENERAL DESCRIPTION
The ADV7623 is a high performance, four-input, one-output, High-Definition Multimedia Interface (HDMI®) transceiver that integrates HDMI receiver and transmitter functions with digital audio I/Os onto one chip. It supports all HDCP repeater functions through fully tested Analog Devices, Inc., repeater software libraries and drivers.
The ADV7623 incorporates Xpressview™ fast switching on all input HDMI ports. Using an Analog Devices hardware-based HDCP engine that minimizes software overhead, Xpressview technology allows fast switching between any HDMI input ports in less than 1 second.
The ADV7623 supports all mandatory HDMI 3D TV formats in addition to all HDTV formats up to 1080p 36-bit Deep Color. The ADV7623 also features an integrated HDMI CEC controller that supports capability, discovery, and control (CDC).
The ADV7623 has an integrated on-screen display (OSD) feature that allows generation and control of high quality character- and icon-based system status and control displays. Customers interested in using OSD are provided with Analog Devices OSD SDK.
The ADV7623 offers a dedicated flexible audio output port and a dedicated audio input port to allow for easy extraction and insertion of audio data into and out of the HDMI stream. HDMI audio formats, including SACD via DSD and compressed high bit rate audio via HBR, are supported. The ADV7623 also features an audio return channel (ARC) receiver. ARC simplifies cabling by combining upstream audio capability in a conventional HDMI cable.
Fabricated in an advanced CMOS process, the ADV7623 is provided in a 144-lead, 20 mm × 20 mm, Pb-free LQFP and is specified over the 0°C to 70°C temperature range.

FEATURES
  4-input, 1-output multiplexed HDMI transceiver
  Xpressview fast switching on all HDMI input ports
  Character- and icon-based on-screen display (OSD)
  High-Bandwidth Digital Content Protection (HDCP 1.4)
  HDCP repeater support
  225 MHz HDMI Rx and Tx support 36-/30-/24-bit Deep Color
  Supports DVI RGB graphics up to 1600 × 1200 at 60 Hz
  Ultralow jitter digital PLL (100% deskew)
  Quad HDMI Rx input
     Format details available on all unselected ports
     Adaptive equalizer for cable lengths up to 30 meters
     Internal extended display identification data (EDID) RAM
     EDID replication (512 bytes per port)
     EDID with HDMI cable 5 V power support
     5 V detect inputs
     Hot plug assertion control pins
  Single HDMI Tx output
     EDID data extraction
     Hot plug detect (HPD) input
  Audio support
     HDMI-compatible audio interface
     Dedicated flexible audio input/output port
     S/PDIF (IEC 60958-compatible) digital audio input/output
     Super audio CD (SACD) with DSD input/output interface
     High bit rate (HBR) audio
        Dolby® TrueHD
        DTS-HD Master Audio™
        Full audio input and output support
  General
     Interrupt controller with 3 interrupt outputs
     STDI (standard identification circuit)
     Software libraries, driver, and application available
     2-layer PCB design supported

APPLICATIONS
  AVRs
  HTiB
  Sound bar with HDMI repeater support
  HBR enabled TVs
  Other repeater applications




Similar Part No. - ADV7623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P-RL AD-ADV7623BSTZ-P-RL Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-RL AD-ADV7623BSTZ-RL Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
More results


Similar Description - ADV7623

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
HDMI Port Processor with InstaPort Viewing Technology
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
4-Port HDMI Signal Switch with Control
logo
Analog Devices
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
Quad HDMI Fast Switching Receiver
Apr-2012
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
4K 4-Port HDMI Switch with Remote
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com