Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7623 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7623
Description  HDMI Transceiver with Fast Port Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7623 Datasheet(HTML) 1 Page - Analog Devices

  ADV7623 Datasheet HTML 1Page - Analog Devices ADV7623 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI Transceiver with
Fast Port Switching
ADV7623
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
4-input, 1-output multiplexed HDMI transceiver
HDMI 1.4 support
Audio return channel (ARC)
3D TV support
Content type bits
CEC 1.4-compatible (CEC_CPD and CEC_HPD)
Xpressview™ fast switching on all HDMI input ports
Character- and icon-based on-screen display (OSD)
High-Bandwidth Digital Content Protection (HDCP 1.4)
HDCP repeater support
225 MHz HDMI Rx and Tx support 36-/30-/24-bit Deep Color
Supports DVI RGB graphics up to 1600 × 1200 at 60 Hz
Ultralow jitter digital PLL (100% deskew)
Quad HDMI Rx input
Format details available on all unselected ports
Adaptive equalizer for cable lengths up to 30 meters
Internal extended display identification data (EDID) RAM
EDID replication (512 bytes per port)
EDID with HDMI cable 5 V power support
5 V detect inputs
Hot plug assertion control pins
Single HDMI Tx output
EDID data extraction
Hot plug detect (HPD) input
Audio support
HDMI 1.4-compatible audio interface
Dedicated flexible audio input/output port
S/PDIF (IEC 60958-compatible) digital audio input/output
Super audio CD (SACD) with DSD input/output interface
High bit rate (HBR) audio
Dolby® TrueHD
DTS-HD Master Audio™
Full audio input and output support
General
Interrupt controller with 3 interrupt outputs
STDI (standard identification circuit)
Software libraries, driver, and application available
2-layer PCB design supported
APPLICATIONS
AVRs
HTiB
Sound bar with HDMI repeater support
HBR enabled TVs
Other repeater applications
GENERAL DESCRIPTION
The ADV7623 is a high performance, four-input, one-output,
High-Definition Multimedia Interface (HDMI™) transceiver
that integrates HDMI 1.4 receiver and transmitter functions
with digital audio I/Os onto one chip. It supports all HDCP
repeater functions through fully tested Analog Devices, Inc.,
repeater software libraries and drivers.
The ADV7623 incorporates Xpressview fast switching on all
input HDMI ports. Using an Analog Devices hardware-based
HDCP engine that minimizes software overhead, Xpressview
technology allows fast switching between any HDMI input
ports in less than 1 second.
The ADV7623 supports all mandatory HDMI 1.4 3D TV formats
in addition to all HDTV formats up to 1080p 36-bit Deep Color.
The ADV7623 also features an integrated HDMI 1.4 CEC controller,
which supports capability, discovery, and control (CDC).
The ADV7623 has an integrated on-screen display (OSD) feature
that allows generation and control of high quality character- and
icon-based system status and control displays. Customers interested
in using OSD are provided with Analog Devices OSD SDK.
The ADV7623 offers a dedicated flexible audio output port and
a dedicated audio input port to allow for easy extraction and
insertion of audio data into and out of the HDMI stream. HDMI
audio formats, including SACD via DSD and compressed high
bit rate audio via HBR, are supported. The ADV7623 also features
an audio return channel (ARC) receiver. ARC simplifies cabling
by combining upstream audio capability in a conventional
HDMI cable.
Fabricated in an advanced CMOS process, the ADV7623 is
provided in a 144-lead, 20 mm × 20 mm, Pb-free LQFP and is
specified over the 0°C to 70°C temperature range.
For more information on the ADV7623, contact a local Analog Devices sales office or email ATV_VIDEORX_INFO@analog.com.


Similar Part No. - ADV7623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P-RL AD-ADV7623BSTZ-P-RL Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-RL AD-ADV7623BSTZ-RL Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
More results

Similar Description - ADV7623

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
HDMI Port Processor with InstaPort Viewing Technology
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
HDMI Transceiver with Fast Port Switching
REV. D
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
4-Port HDMI Signal Switch with Control
logo
Analog Devices
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
Quad HDMI Fast Switching Receiver
Apr-2012
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com